PART |
Description |
Maker |
PIC16LC55A-20I/SS PIC16C56-XTI-P |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
FM8P51 |
EPROM/ROM-Based 8-Bit Microcontroller
|
Feeling
|
FM8P54 FM8P54E FM8P56E |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
FEELING TECHNOLOGY
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
PIC17C42A-16/PQ |
High-performance 8-Bit CMOS EPROM, ROM microcontroller
|
Microchip Technology
|
MTU8B56E MTU8B56EN MTU8B56EP MTU8B57EN MTU8B54EN M |
EPROM-Based 8-Bit CMOS Microcontroller
|
List of Unclassifed Manufacturers http:// ETC[ETC]
|
16C554 |
EPROM-Based 8-Bit CMOS Microcontroller
|
Microchip Technology
|
PIC16LV5XA02BI/P PIC16LV5XA02BI/SO PIC16LV5XA02BI/ |
EPROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
PIC16LC620 PIC16LC620-04_JW PIC16LC620-04_P PIC16L |
From old datasheet system EPROM-Based 8-Bit CMOS Microcontroller
|
MICROCHIP[Microchip Technology]
|
PICB16C5 16C554 PIC16C5 PIC16C55XA PIC16C554 PIC16 |
From old datasheet system EPROM-Based 8-Bit CMOS Microcontroller
|
MICROCHIP[Microchip Technology]
|
PIC16C505-04/P PIC16C505-04/SL PIC16C505-04E/P PIC |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 14-pin package. Easily adapted for app
|
Microchip
|